Part Number Hot Search : 
P12NM50 060CT 00DT1 P0603 10X20 TEG2411 72063 AS321K
Product Description
Full Text Search
 

To Download 1N4736A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4728A~1N4761A
Zener diode
Features
1.High reliability 2.Very sharp reverse characteristic 3.Low reverse current level 4.Vz-tolerance*5%
Voltage Range 3.3 to 75 Volts
DO-41
1.0(25.4) MIN. .107(2.7) .080(2.0) DIA. .205(5.2) .166(4.2)
Applications
Voltage stabilization
1.0(25.4) MIN.
Absoluto Maximum Ratings 0
Tj=25 C Parameter Power dissipation Z-current Junction temperature Storage temperature range Type
.034(.86) .028(.71) DIA. Dimensions in inches and (millimeters)
Test Conditions Tamb*500C
Symbol PD lz Tj Tstg
Value 1 PD/Vz 200 -65~+175
Unit W mA
0C 0C
Maximum Thermal Resistance
Tj=250C Parameter Junction ambient Test Condltions I=9.5mm(3/8") TL=constant Symbol RthJA Value 100 Unit K/W
Electrcal Characteristics
Tj=250C Parameter Forward voltage Test Conditions lF=200mA Type Symbol VF Min Typ Max 1.2 Unit V
Type 1N4728A 1N4729A 1N4730A 1N4731A 1N4732A 1N4733A 1N4734A 1N4735A 1N4736A 1N4737A 1N4738A 1N4739A 1N4740A 1N4741A 1N4742A 1N4743A 1N4744A 1N4745A 1N4746A 1N4747A 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A 1N4753A 1N4754A 1N4755A 1N4756A 1N4757A 1N4758A 1N4759A 1N4760A 1N4761A
Vznom V 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75
lzt for Vzt and r mA * 76 <10 69 <10 64 <9 58 <9 53 <8 49 <7 45 <5 41 <2 37 <3.5 34 <4.0 31 <4.5 28 <5.0 25 <7 23 <8 21 <9 19 <10 17 <14 15.5 <16 14 <20 12.5 <22 11.5 <23 10.5 <25 9.5 <35 8.5 <40 7.5 <45 7.0 <50 6.5 <60 6.0 <70 5.5 <80 5.0 <95 4.5 <110 4.0 <125 3.7 <150 3.3 <175
Rzk * <400 <400 <400 <400 <500 <550 <600 <700 <700 <700 <700 <700 <700 <700 <700 <700 <700 <700 <750 <750 <750 <750 <750 <1000 <1000 <1000 <1000 <1500 <1500 <1500 <2000 <2000 <2000 <2000
at
lzk mA 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
lR at VR uA <100 <100 <50 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 <5 V 1 1 1 1 1 1 2 3 4 5 6 7 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56
1)Based on DC-measurement at thermal equilibrium while maintaining the temperature (TL)at 300C, 9.5mm(3/8") from the diode body.


▲Up To Search▲   

 
Price & Availability of 1N4736A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X